PART |
Description |
Maker |
MN5210 MN5211 MN5212 MN5213 MN5214 MN5215 MN5216 M |
13usec, 12-bit Military A/D Converters 13μsec, 12-bit Military A/D Converters
|
List of Unclassifed Manufacturers ETC API Technologies Corp
|
ADC87 ADC87H ADC87H_BCH ADC87H_B ADC87H/B ADC87H/B |
12-bit, 8μsec Military A/D Converter 12-bit, 8 Usec Military A/D Converter
|
API Technologies Corp ICST[Integrated Circuit Systems] Integrated Circuit Syst...
|
DVST2800TSERIES |
COTS Converters:Military Designs for Military Applications COTS的转换器:用于军事用途的军事设计
|
Vishay Intertechnology, Inc.
|
M3253505E2X225KZMB |
SMD MIL X7R PRF32535, Ceramic, Military/High Reliability, 2.2 uF, 10%, 10 VDC, X7R, SMD, Conformal, Military, Low ESR, MILPRF-32535, N/A, 1206
|
Kemet Corporation
|
LM2902M LM2902M96 CA0224E CA0224M CA124 CA324 CA22 |
Quad 1MHz Operational Amplifiers for Commercial Industrial and Military Applications Operational Amplifiers for Commercial / Industrial and Military Applications Quad/ 1MHz/ Operational Amplifiers for Commercial/ Industrial/ and Military Applications Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
5962-89657023A |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Military DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
1N5554 JANTX1N5622 1N5550 1N5550-1 1N5552 1N5553 J |
RECTIFIERS MILITARY APPROVED/ 5 AMP/ GENERAL PURPOSE MSTBVA 2,5/21-G-5,08 Standard Rectifier (trr more than 500ns) RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
|
MICROSEMI[Microsemi Corporation] http://
|
JANTX469-3 JAN469-1 JAN469-2 JAN469-3 JANTX469-1 J |
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved 10 A, 460 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES/ 10 AMP/ Military Approved Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
F02B250V112A F02B250V114A F02B250V14A F02B250V12A |
Military Qualified Product Listing Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone Military Qualified Product Listing Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone
|
Cooper Bussmann, Inc.
|
ACS541HMSR-02 |
Non-Inverting Octal Buffer/Line Driver, Three-State; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, UUC20
|
Intersil, Corp.
|
AD203SN |
Circular Connector; No. of Contacts:8; Series:LJTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle Rugged/ Military Temperature Range/ 10 kHz Bandwidth Isolation Amplifier Rugged, Military Temperature Range, 10 kHz Bandwidth Isolation Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
LFA24DA |
Military DC-DC Converters
|
PICO Electronics, Inc.
|